15 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs 03/30/12 all specifications subject to change without notice. mechanical single port rj45 connector 10/100 base-t impedance: 100ohms rj45 jack cavity conforms to fcc rules and regulations part 68, sub part f available in other circuit designs operating temp: 0oc to +70oc AR11-3719 optional gold plating thickness other led patterns available contact factory for industrial temp. electrical speci?cations @ 25c part number ocl(uh min) @ 100khz, 0.1v turns ratio chip: cable (2%) insertion loss (db max) return loss (db min) with 8ma dc bias 1-100mhz 1-30mhz 30-60mhz AR11-3719 350 1:1 -1.0 -18 -18-20log(f/30mhz) 60-80mhz -12 electrical speci?cations @ 25c cross talk (db min) cmr (db min) hi-pot (vrms) 10mhz 100mhz -50 -30 1500 0.5-1mhz -50 10mhz 100mhz -47 -30 0.3-1mhz -50 1.0ma/3sec. 50mhz -35 30mhz -40 30mhz -42 60mhz -37 cdmr (db min) 10mhz 100mhz -50 -40 0.3-1mhz -50 30mhz -50 60mhz -45
15 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs 03/30/12 1. shield- 0.20mm thickness brass c2680 h. plating nickel 20u"-40u" 2. housing- standard material nylon66, glass filled polyester ul94v-0 standard color black. 3. rj terminal- plastic: nylon 66 gf, ul94v-0, standard color black. pin: 0.35mm thickness phos-bronze c5210 eh. plating: nickel 40u"-60u" for all and sn 100%, and 3u? gold plating. 4. input terminal- plastic: nylon 66, glass filled, ul94v-0, standard color black. pin: 0.35mm sus430 plating: nickel 40u"-60u" for all and plating sn 100u?*-120u?. pcb layout schematics single port rj45 connector AR11-3719 notes rohs
|